PART |
Description |
Maker |
SF3 SF2 SF4-DC9V SF2-DC12V SF2-DC18V SF2-DC21V SF2 |
POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation 极化,单稳态与安全继电器(机械连接)强迫接触行 COVER - CABLE GRIP CONNECTOR SUB D ACCESSORY SKIRT CONTROL BUTTON CONNECTEUR SUB-D POLARISED / MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation POLARISED MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
|
Nais(Matsushita Electric Wo... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)] Nais(Matsushita Electri...
|
SF2D-DC60V |
POLARISED, MONOSTABLE SAFETY RELAY 极化,单稳态安全继电器
|
Black Box, Corp.
|
DVCNP4.735LF |
SURFACE MOUNT ELECTROLYTIC NON POLARISED DVCNP
|
Dubilier
|
NAS1432 NAS1077 NAS1424- |
TECHNICAL OPERATIONS COUNCIL MEMORANDUM
|
List of Unclassifed Man...
|
M50-4803745 M50-4803845 M50-4802545 M50-4802045 |
1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 37 37-way 74 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Horizontal PC Tail Pin Header, single polarised, gold, 20 20-way
|
Harwin PLC HARWIN INC
|
IS61QDPB22M36A2 |
Fixed 2-bit burst for read and write operations
|
Integrated Silicon Solu...
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
OHD1-100M OHD1-30M OHD1-40M OHD1-70M OHD1-35M OHD1 |
High reliability for on/off operations High reliability for on/off operations
|
Kemet Corporation
|
M50-4700845 M50-4701445 M50-4701145 M50-4702545 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 14 14-way 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
|